Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download SOD-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd101aw - sd101cw 400mw schottky barrier switching diode features ? low forward voltage drop ? guard ring construction for transient protection ? negligible reverse recovery time mechanical data ? case: SOD-123, plastic ? polarity: cathode band ? marking: date code and type code or date code only type code: sd101aw s1 sd101bw s2 sd101cw s3 ? weight: 0.01 grams (approx.) dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 o c ambient temperature unle ss otherwise specified. maximum ratings type number symbol sd101aw sd101bw sd101cw units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 50 40 v rms reverse voltage v r(rms) 42 35 28 v forward continuous current (note 1) i fm 15 ma non-repetitive peak forward surge current @ t Q 1.0s @ t = 10us i fsm 50 2.0 ma a power dissipation (note 1) pd 400 mw thermal resistance junction to ambient air (note 1) r ja 300 o c/w operating and storage temperature range t j , t stg -65 to + 125 o c electrical characteristics type number symbol min max units reverse breakdown voltage (note 2) sd101aw ir=10ua sd101bw ir=10ua sd101cw ir=10ua v (br) 60 50 40 - v peak reverse current sd101aw vr=50v sd101bw vr=40v sd101cw vr=30v i r 200 na forward voltage drop sd101aw if=1.0ma (note 2) sd101bw if=1.0ma sd101cw if=1.0ma sd101aw if=15ma sd101bw if=15ma sd101cw if=15ma v f - 0.41 0.40 0.39 1.00 0.95 090 v junction capacitance vr=0, f=1.0mhz sd101aw sd101bw sd101cw cj - 2.0 2.1 2.2 pf reverse recovery time if=ir=5.0ma irr=0.1 x ir , rl=100 trr - 1.0 ns notes: 1. valid provided that terminal s are kept at ambient temperature. 2. pulse test: pulse width = 300us, duty cycle Q2%.. SOD-123 0.053(1.35) max. 0.006(0.15) typ. min. 0.010(0.25) min. 0.004(0.10) max. 0.067(1.70) 0.055(1.40) 0.022(0.55) typ. min. 0.152(3.85) 0.140(3.55) 0.112(2.85) 0.100(2.55) http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (sd101aw - sd101cw) fig.1- typical forward characteristic varations for primary conduction i , forward current (ma) f v , forward voltage (v) f 0 0 0.1 fig.2- typ. junction capacitance vs reverse voltage v , reverse voltage (v) r c , capacitance (pa) j a b c a b c t=25 c j o 0.5 1.0 1.0 10 0 1020304050 0 1 2 sd101aw - sd101cw 400mw schottky barrier switching diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SOD-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X